Part Number Hot Search : 
1220A M627X6 TIL195X 0TRPBF ISL29015 43000 IRF73 ML60115R
Product Description
Full Text Search
 

To Download AN1431T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulators
AN1431T, AN1431M
Variable output shunt regulator
I Overview
The AN1431T and AN1431M are highly accurate stabilized power supplies in which the output voltage can be adjusted in the range from approximately 2.5 to 36V under the operating temperature by using the external resistor. Because of its fast rising characteristic, it can be used as a Zener diode and has the wide application. AN1431T
5.00.2
Unit: mm
4.00.2
(1.0)
5.10.2
2.30.2 0.60.15
(1.0) 13.50.5
I Features
* High precision reference voltage: 2.5V (allowance: 2%) * High temperature stability: 17ppm/C typ. * Output voltage externally adjustable: 2.5 to 36V * Fast rising output * Low input impedance: 0.2 typ. * Low output noise voltage
2.54
0.43+0.1 -0.05
0.43+0.1 -0.05
231
SSIP003-P-0000
AN1431M
4.6 max. 1.8 max.
Unit: mm
1.6 max.
I Block Diagram (AN1431T)
2.6 typ.
Current Source Output Tr Error Amp.
-
Voltage Reference
R VKA = VREF (1 + 1 ) + IREF * R1 R2 R2 = 2.5k
0.48 max. 1.5 3.0
0.58 max. 1.5
0.8 min.
+
4.25 max.
2.6 max.
0.44 max.
1 (3)
IK
3 (2)
2 (1)
IREF VKA VREF
3
2
1
V1 R1 R2
HSIP003-P-0000B Note) The packages (SSIP003-P-0000 and HSIP003P-0000B) of this product will be changed to lead-free type (SSIP003-P-0000S and HSIP003P-0000Q). See the new package dimensions section later of this datasheet.
Note) The number in ( ) shows the pin number for the AN1431M.
I Pin Descriptions
* AN1431T
Pin No. 1 2 3 Cathode Reference pin Anode Description
* AN1431M
Pin No. 1 2 3 Anode Cathode Description Reference pin
Publication date: December 2001
SFF00001CEB
1
AN1431T, AN1431M
I Absolute Maximum Ratings at Ta = 25C
Parameter Supply voltage Supply current Power dissipation Reference input current Operating ambient temperature Storage temperature * AN1431T AN1431M AN1431T AN1431M Symbol VCC ICC PD IREF Topr Tstg Rating 37 -100 to +150 650 * - 0.05 to +10 -20 to +85 -25 to +80 -55 to +150 -55 to +125 Unit V mA mW mA C C
AN1431M is mounted on a standard board (glass epoxy: 20mm x 20mm x t1.7mm with Cu foil of 1cm2 or more).
g g I RecommendedpOperating Range at Ta = 25C
Parameter Supply voltage Symbol VKA Range VREF (2.5 to 36V)
I Electrical Characteristics at Ta = 25C
Parameter Reference voltage Symbol VREF Conditions VKA = VREF, IK = 10mA VKA = VREF, IK = 10mA, Ta = 0 to +70C IK = 10mA, VKA = 10V to VREF IK = 10mA, VKA = 36V to 10V IK = 10mA, R1 = 10k, R2 = IK = 10mA, R1 = 10k, R2 = , Ta = 0 to +70C VKA = VREF *3 VKA = 36V, VREF = 0V VKA = VREF, IK = 1 to 100mA, f 1kHz
IREF IREF(max) IREF(dev) = IREF(max) - IREF(min)
Min 2.45
Typ 2.50 3 -1.2 -1 2 0.4 0.4 0.1 0.2
Max 2.55 17 -2.7 -2 4 1.2 1.0 1.0 0.5
Unit V mV mV/V mV/V A A mA A
Reference voltage change to temperature VREF(Jev) *1, 2 Reference voltage power supply characteristic Reference input current Reference input current change to temperature Minimum cathode current Off-state cathode current Dynamic impedance VREF VKA IREF IREF(dev) *2 Imin IOFF ZKA
*1
VREF VREF(max)
VREF(dev) = VREF(max) - VREF(min)
VREF(dev) VREF(min) Ta IREF(min) Ta
IREF(dev)
The temperature coefficient aVREF for the reference input voltage is equivalently given by the following expression. VREF(dev) aVREF = VREF x 106 (ppm/C) VREF at Ta = 25C Ta For example, assuming VREF(max) = 2500mV (Ta = 30C), VREF(min) = 2497mV (Ta = 0C), (VREF(dev) = 3mV) and VREF = 2499mV (Ta = 25C) Ta = 70C 3mV then, aVREF = 2499mV x 106 = 17.1 (ppm/C) 70C *2 These values are design reference values, not guaranteed ones. *3 The dynamic impedance is defined by the following expression. ZKA = VKA IK The total dynamic impedance at VREF , VKA , IREF and IREF(dev) is as follows. V R Z = = ZKA (1 + 1 ) I R2
SFF00001CEB
2
AN1431T, AN1431M
I Main Characteristics PD Ta
1000 (1) AN1431T Rth(j-a) = 190C/W (max.) 900 (2) AN1431M Mounted on a standard board 800 (glass epoxy: 20mm x 20mm x t1.7mm with Cu foil of 1cm2 or more) 700 600 500 (1) 400 (2) 300 200 100 0 0 20 40 60 80 100 120 140 160 2700 2650 2600 2550 2500 2450 2400 2350 -50 -25
VREF Ta
Reference input current IREF (A)
VK = VREF IK = 10mA 4
IREF Ta
IK = 10mA R1 = 10k R2 = 3
Reference voltage VREF (mV)
Power dissipation PD (mW)
2
1
0
25
50
75
100 125
-40 -20
0
20
40
60
80
100
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
I Application Circuit Examples
1. Shunt regulator
+V VO
2. Constant current power supply
+V IO
3. Constant current source
+V
R1 VREF R2
K K
AN1431T/M AN1431T/M
A A VREF RS
K
AN1431T/M
A
VREF RS
VO = 1 +
R1 V R2 REF
IO =
VREF RS
IO =
VREF RS
IO
4. Current bootstrap
+V VO
5. Adjustable output regulator combined with 3-pin regulator
+V
VO
AN7805
R1 K CI VREF R2 R1
K
AN1431T/M
A
VREF
CO
AN1431T/M
A
R2
VO = 1 +
R1 V R2 REF
VO = VREF 1 +
R1 , VO(min) = VREF + 5V R2
SFF00001CEB
3
AN1431T, AN1431M
I New Package Dimensions (Unit: mm)
* SSIP003-P-0000S (Lead-free package)
5.000.20 4.000.20
(1.00)
(1.00)
0.600.15 0.400.10
13.300.50
5.000.20
2.300.20 0.40+0.10 -0.05
1 1.27
3 1.27
* HSIP003-P-0000Q (Lead-free package)
4.500.10 1.550.20
2.500.10
4.00+0.25 -0.20
1 0.40+0.10 -0.05 1.50
3 0.40+0.10 -0.05 0.50+0.10 -0.05 3.00 (0.75)
1.00+0.10 -0.20
0.15 M
0.42+0.10 -0.05
1.500.10
0.10
(0.40)
4
SFF00001CEB
2.650.10
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of AN1431T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X